Part Number Hot Search : 
68HC908G F30U60DN 0N06S 1N4728AG OP20HP 030408 DFA064 100TR
Product Description
Full Text Search
 

To Download MAL203835682E3 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 038 RSU
Vishay BCcomponents
Aluminum Capacitors Radial Standard Ultra Miniature
FEATURES
* Polarized aluminum electrolytic capacitors, non-solid electrolyte * Radial leads, cylindrical aluminum case, insulated with a blue vinyl sleeve * Pressure relief for case O D 6.3 mm
Fig.1 Component outline
RoHS
COMPLIANT
* Charge and discharge proof * Miniaturized, high CV-product per unit volume
152 RMH higher voltage
* Lead (Pb)-free versions are RoHS compliant
APPLICATIONS
* General purpose, industrial, automotive, consumer, and audio-video * Coupling, decoupling, timing, smoothing, filtering,
buffering in SMPS
QUICK REFERENCE DATA
DESCRIPTION Nominal case sizes (O D x L in mm) Rated capacitance range, CR Tolerance on CR Rated voltage range, UR Category temperature range Endurance test at 85 C: case size O D 8 mm case size O D 10 mm Useful life at 85 C: case size O D 8 mm case size O D 10 mm Useful life at 40 C, 1.4 x IR applied: case size O D 8 mm case size O D 10 mm Shelf life at 0 V, 85 C Based on sectional specification Climatic category IEC 60068 60 000 hours 90 000 hours 1000 hours IEC 60384-4/EN130300 40/085/56 2500 hours 3500 hours 2000 hours 3000 hours VALUE 5 x 11 to 18 x 40 0.1 to 22 000 F 20 % 6.3 to 100 V - 40 to + 85 C
* Portable and mobile equipment (small size, low mass)
MARKING
The capacitors are marked (where possible) with the following information: * Rated capacitance (in F) * Tolerance on rated capacitance, code letter in accordance with IEC 60062 (M for 20 %) * Rated voltage (in V) * Date code, in accordance with IEC 60062 * Code indicating factory of origin * Name of manufacturer * Negative terminal identification * Series number (038)
Document Number: 28309 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 89
038 RSU
Vishay BCcomponents
Aluminum Capacitors Radial Standard Ultra Miniature
SELECTION CHART FOR CR, UR AND RELEVANT NOMINAL CASE SIZES (O D x L in mm)
CR (F) 0.1 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 3300 4700 6800 10 000 22 000 UR (V) 6.3 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 18 x 40 10 5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12 10 x 20 13 x 20 13 x 25 16 x 25 16 x 35 16 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 13 x 20 13 x 25 16 x 25 16 x 31 18 x 35 25 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12 10 x 20 13 x 25 16 x 25 16 x 31 18 x 35 35 5 x 11 6.3 x 11 8 x 11.5 10 x 12 10 x 16 13 x 20 16 x 25 16 x 35 18 x 35 50 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12 10 x 16 10 x 20 13 x 25 16 x 31 18 x 35 63 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12 10 x 16 10 x 20 13 x 20 16 x 25 18 x 35 100 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12 10 x 20 13 x 25 13 x 25 16 x 25 18 x 40 -
DIMENSIONS in millimeters AND AVAILABLE FORMS
OD OD
L
F
15 min. 5 min.
4 +1 0
+
Od
Od
Dimensions of pitch F see tables 1 and 2
F
Case O D = 5 to 8 mm; pitch F is 5 mm Fig.5 Form TFA: Taped in box (ammopack), formed leads
Fig.2 Form CA
Fig.3 Form CB: Cut leads
Fig.4 Form TNA, Form TFA: Taped in box (ammopack), straight leads
Table 1
DIMENSIONS IN MILLIMETERS, MASS AND PACKAGING QUANTITIES
NOMINAL CASE SIZE ODxL 5 x 11 6.3 x 11 8 x 11.5 10 x 12 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 16 x 31 16 x 35 18 x 35 18 x 40 CASE CODE 11 12 13 14 15 16 17 18 19 20 21 22 23 Od 0.5 0.5 0.6 0.6 0.6 0.6 0.6 0.6 0.8 0.8 0.8 0.8 0.8 O Dmax. 5.5 6.8 8.5 10.5 10.5 10.5 13.5 13.5 16.5 16.5 16.5 18.5 18.5 Lmax. 12.5 12.5 12.5 13.5 17.5 22.0 22.0 27.0 27.0 33.5 37.5 37.5 42.0 F 2.0 0.5 2.5 0.5 3.5 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 5.0 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 7.5 0.5 MASS (g) 0.4 0.6 1.1 1.6 1.9 2.2 4.0 5.0 8.0 9.0 11.0 14.5 16.0 PACKAGING QUANTITIES FORM CA 5000 5000 5000 3000 2500 2000 1500 1000 750 600 500 400 400 FORM CB 1000 1000 800 400 400 200 200 200 150 150 FORM TFA, TNA 2000 2000 1000 500 500 500 300 300 200 200 -
Note Detailed tape dimensions see section `PACKAGING'. www.vishay.com 90 For technical questions, contact: aluminumcaps1@vishay.com Document Number: 28309 Revision: 05-May-08
038 RSU
Aluminum Capacitors Radial Standard Ultra Miniature
ELECTRICAL DATA
SYMBOL CR IR IL2 tan Note Unless otherwise specified, all electrical values in Table 2 apply at Tamb = 20 C, P = 86 to 106 kPa, RH = 45 to 75 %. Table 2 DESCRIPTION rated capacitance at 100 Hz, tolerance 20 % rated RMS ripple current at 100 Hz, 85 C max. leakage current after 2 minutes at UR max. dissipation factor at 100 Hz
Vishay BCcomponents
ORDERING EXAMPLE
Electrolytic capacitor 038 series 470 F/25 V; 20 % Nominal case size: O 10 x 12 mm; Form TFA Ordering Code: MAL203836471E3 Former 12NC: 2222 038 36471
ELECTRICAL DATA AND ORDERING INFORMATION
ORDERING CODE MAL2038 ....... UR (V) CR 100 Hz (F) 220 330 470 1000 2200 3300 4700 6800 10 000 22 000 100 220 330 470 1000 2200 3300 4700 6800 10 000 100 220 330 470 1000 2200 3300 4700 6800 10 000 100 220 330 470 1000 2200 3300 4700 6800 NOMINAL CASE SIZE ODxL (mm) 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 16 10 x 20 13 x 20 13 x 25 16 x 25 18 x 40 5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12 10 x 20 13 x 20 13 x 25 16 x 25 16 x 35 5 x 11 6.3 x 11 8 x 11.5 8 x 11.5 10 x 16 13 x 20 13 x 25 16 x 25 16 x 31 18 x 35 6.3 x 11 8 x 11.5 8 x 11.5 10 x 12 10 x 20 13 x 25 16 x 25 16 x 31 18 x 35 IR 100 Hz 85 C (mA) 200 270 320 540 785 1185 1545 1880 2330 3320 145 160 290 350 650 1070 1420 1780 2220 2760 160 260 370 440 785 1295 1655 2090 2520 2920 190 320 440 545 955 1540 1975 2420 2880 IL2 2 min (A) 14 21 30 63 139 208 296 428 630 1386 10 22 33 47 100 220 330 470 680 1000 16 35 53 75 160 352 528 752 1088 1600 25 55 83 118 250 550 825 1175 1700 tan 100 Hz BULK PACKAGING LONG LEADS FORM CA 53221E3 53331E3 53471E3 53102E3 53222E3 53332E3 53472E3 53682E3 53103E3 53223E3 54101E3 54221E3 54331E3 54471E3 54102E3 54222E3 54332E3 54472E3 54682E3 54103E3 55101E3 55221E3 55331E3 55471E3 55102E3 55222E3 55332E3 55472E3 55682E3 55103E3 56101E3 56221E3 56331E3 56471E3 56102E3 56222E3 56332E3 56472E3 56682E3 F (mm) 2.0 2.5 2.5 3.5 5.0 5.0 5.0 5.0 7.5 7.5 2.0 2.0 2.5 2.5 5.0 5.0 5.0 5.0 7.5 7.5 2.0 2.5 3.5 3.5 5.0 5.0 5.0 7.5 7.5 7.5 2.5 3.5 3.5 5.0 5.0 5.0 7.5 7.5 7.5 CUT LEADS FORM CB 63222E3 63332E3 63472E3 63682E3 63103E3 63223E3 64102E3 64222E3 64332E3 64472E3 64682E3 64103E3 65102E3 65222E3 65332E3 65472E3 65682E3 65103E3 66471E3 66102E3 66222E3 66332E3 66472E3 66682E3 F (mm) 5.0 5.0 5.0 5.0 7.5 7.5 5.0 5.0 5.0 5.0 7.5 7.5 5.0 5.0 5.0 7.5 7.5 7.5 5.0 5.0 5.0 7.5 7.5 7.5 TAPED AMMOPACK FORM TFA 33221E3 33331E3 33471E3 33102E3 33222E3 33332E3 33472E3 33682E3 33103E3 34101E3 34221E3 34331E3 34471E3 34102E3 34222E3 34332E3 34472E3 34682E3 35101E3 35221E3 35331E3 35471E3 35102E3 35222E3 35332E3 35472E3 35682E3 36101E3 36221E3 36331E3 36471E3 36102E3 36222E3 36332E3 36472E3 F (mm) 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 5.0 5.0 5.0 5.0 5.0 5.0 7.5 7.5 FORM TNA 73221E3 73331E3 73471E3 73102E3 74101E3 74221E3 74331E3 74471E3 75101E3 75221E3 75331E3 75471E3 76101E3 76221E3 76331E3 F (mm) 2.5 2.5 2.5 3.5 2.5 2.5 2.5 2.5 2.5 2.5 3.5 3.5 2.5 3.5 3.5 -
6.3
10
16
25
0.23 0.23 0.23 0.23 0.25 0.27 0.29 0.33 0.41 0.65 0.20 0.20 0.20 0.20 0.20 0.22 0.24 0.26 0.30 0.38 0.16 0.16 0.16 0.16 0.16 0.18 0.20 0.22 0.26 0.34 0.14 0.14 0.14 0.14 0.14 0.16 0.18 0.20 0.24
Document Number: 28309 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 91
038 RSU
Vishay BCcomponents
Aluminum Capacitors Radial Standard Ultra Miniature
ELECTRICAL DATA AND ORDERING INFORMATION
ORDERING CODE MAL2038 ....... UR (V) CR 100 Hz (F) 47 100 220 330 470 1000 2200 3300 4700 22 33 47 100 220 330 470 1000 2200 3300 0.10 0.22 0.33 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 2200 0.47 1.0 2.2 3.3 4.7 10 22 33 47 100 220 330 470 1000 NOMINAL CASE SIZE ODxL (mm) 5 x 11 6.3 x 11 8 x 11.5 10 x 12 10 x 16 13 x 20 16 x 25 16 x 35 18 x 35 5 x 11 5 x 11 6.3 x 11 8 x 11.5 10 x 12 10 x 16 10 x 20 13 x 25 16 x 31 18 x 35 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 10 x 12 10 x 16 10 x 20 13 x 20 16 x 25 18 x 35 5 x 11 5 x 11 5 x 11 5 x 11 5 x 11 6.3 x 11 6.3 x 11 8 x 11.5 10 x 12 10 x 20 13 x 25 13 x 25 16 x 25 18 x 40 IR 100 Hz 85 C (mA) 130 210 385 490 740 1145 1785 2275 2700 95 125 165 260 455 585 755 1340 1885 2500 3.0 4.5 7.5 9.5 17 28 34 45 70 105 140 170 320 490 710 900 1560 1950 12 22 33 40 48 80 115 145 235 370 675 825 1070 2410 IL2 tan 2 min 100 Hz (A) 17 35 77 116 165 350 770 1155 1645 11 17 24 50 110 165 235 500 1100 1650 3.0 3.0 3.0 3.0 3.0 3.0 3.0 3.0 6.3 14 21 30 63 139 208 296 630 1386 3.0 3.0 3.0 3.3 4.7 10 22 33 47 100 220 330 470 1000 0.12 0.12 0.12 0.12 0.12 0.12 0.14 0.16 0.18 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.10 0.12 0.14 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.09 0.11 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 0.08 BULK PACKAGING LONG LEADS FORM CA 50479E3 50101E3 50221E3 50331E3 50471E3 50102E3 50222E3 50332E3 50472E3 51229E3 51339E3 51479E3 51101E3 51221E3 51331E3 51471E3 51102E3 51222E3 51332E3 58107E3 58227E3 58337E3 58477E3 58108E3 58228E3 58338E3 58478E3 58109E3 58229E3 58339E3 58479E3 58101E3 58221E3 58331E3 58471E3 58102E3 58222E3 59477E3 59108E3 59228E3 59338E3 59478E3 59109E3 59229E3 59339E3 59479E3 59101E3 59221E3 59331E3 59471E3 59102E3 F (mm) 2.0 2.5 3.5 5.0 5.0 5.0 7.5 7.5 7.5 2.0 2.0 2.5 3.5 5.0 5.0 5.0 5.0 7.5 7.5 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.0 2.5 2.5 5.0 5.0 5.0 5.0 7.5 7.5 2.0 2.0 2.0 2.0 2.0 2.5 2.5 3.5 5.0 5.0 5.0 5.0 7.5 7.5 CUT LEADS FORM CB 60331E3 60471E3 60102E3 60222 60332E3 60472E3 61221E3 61331E3 61471E3 61102E3 61222E3 61332E3 68101E3 68221E3 68331E3 68471E3 68102E3 68222E3 69479E3 69101E3 69221E3 69331E3 69471E3 69102E3 F (mm) 5.0 5.0 5.0 7.5 7.5 7.5 5.0 5.0 5.0 5.0 7.5 7.5 5.0 5.0 5.0 5.0 7.5 7.5 5.0 5.0 5.0 5.0 7.5 7.5 FORM TFA 30479E3 30101E3 30221E3 30331E3 30471E3 30102E3 30222E3 31229E3 31339E3 31479E3 31101E3 31221E3 31331E3 31471E3 31102E3 31222E3 38107E3 38227E3 38337E3 38477E3 38108E3 38228E3 38338E3 38478E3 38109E3 38229E3 38339E3 38479E3 38101E3 38221E3 38331E3 38471E3 38102E3 39477E3 39108E3 39228E3 39338E3 39478E3 39109E3 39229E3 39339E3 39479E3 39101E3 39221E3 39331E3 39471E3 TAPED AMMOPACK F (mm) 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 5.0 7.5 FORM TNA 70479E3 70101E3 70221E3 71229E3 71339E3 71479E3 71101E3 78107E3 78227E3 78337E3 78477E3 78108E3 78228E3 78338E3 78478E3 78109E3 78229E3 78339E3 78479E3 79477E3 79108E3 79228E3 79338E3 79478E3 79109E3 79229E3 79339E3 F (mm) 2.5 2.5 3.5 2.5 2.5 2.5 3.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 2.5 3.5 -
35
50
63
100
www.vishay.com 92
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28309 Revision: 05-May-08
038 RSU
Aluminum Capacitors Radial Standard Ultra Miniature
Vishay BCcomponents
ADDITIONAL ELECTRICAL DATA
PARAMETER VOLTAGE Surge voltage Reverse voltage CURRENT Leakage current INDUCTANCE Case O D 8 mm Equivalent series inductance (ESL) RESISTANCE Equivalent series resistance (ESR) Calculated from tan max. and CR (see Table 2) ESR = tan /2 f CR Case O D = 10 mm Case O D 12.5 mm typ. 13 nH typ. 16 nH typ. 18 nH After 2 minutes at UR After 5 minutes at UR IL2 0.01 CR x UR or 3 A, whichever is greater IL5 0.002 CR x UR + 3 A Us 1.15 x UR Urev 1 V CONDITIONS VALUE
CAPACITANCE (C)
1.2 C C0 1.1 1.1 C C0 1.0
1 2 3
3 2
1.0 0.9 3 0.9 2 0.8 0.8 1 Curve 1: 10 V Curve 2: 63V Curve 3: 100 V
1
0.7
0.7
Curve 1: 10 V Curve 2: 63V Curve 3: 100 V 10 102 103 f (Hz) 104
0.6 - 60 - 40 - 20 0 20 40 60 80 Tamb (C)
0.6
C0 = capacitance at 20 C, 100 Hz
C0 = capacitance at 20 C, 100 Hz
Tamb (20 C)
Fig.6 Typical multiplier of capacitance as a function of ambient temperature
Fig.7 Typical multiplier of capacitance as a function of frequency
Document Number: 28309 Revision: 05-May-08
For technical questions, contact: aluminumcaps1@vishay.com
www.vishay.com 93
038 RSU
Vishay BCcomponents
Aluminum Capacitors Radial Standard Ultra Miniature
RIPPLE CURRENT AND USEFUL LIFE
3.3
IA IR CCC205
3.2 3.1 3.0
2.8
2.6 2.4 2.2
0 1.
lifetime multiplier
2.0 1.8 1.6 IA = actual ripple current at 100 Hz IR = rated ripple current at 100 Hz, 85 C Useful life at 85 C and IR applied: case O D 8 mm: 2500 h case O D 10 mm: 3500 h 1.4 1.2 1.0 0.8 0.5 0.0
20 30 50 10 15 0 6. 0 3. 0 4.
5 1. 0 2.
(1)
40
Fig.8 Multiplier of useful life as afunction of ambient temperature and ripple current load
Table 3
MULTIPLIER OF RIPPLE CURRENT (IR) AS A FUNCTION OF FREQUENCY
FREQUENCY (Hz) 50 100 500 1000 10 000 Table 4 IR MULTIPLIER CR < 100 F 0.70 1.00 1.30 1.40 1.50 CR = 100 to 1000 F 0.75 1.00 1.20 1.30 1.35 CR > 1000 F 0.80 1.00 1.10 1.12 1.15
70
50
60
70
80
90 Tamb (C)
100
TEST PROCEDURES AND REQUIREMENTS
TEST NAME OF TEST Endurance REFERENCE IEC 60384-4/ EN130300 subclause 4.13 PROCEDURE (quick reference) Tamb = 85 C; UR applied; case O 8 mm: 2000 h case O 10 mm: 3000 h Tamb = 85 C; UR and IR applied; case O 8 mm: 2500 h case O 10 mm: 3500 h Tamb = 85 C; no voltage applied; 1000 h after test: UR to be applied for 30 min, 24 to 48 h before measurement from source of 1.15 x UR: RC = 0.1 0.05 s; 1000 cycles of 30 s on, 330 s off, at 85 C REQUIREMENTS C/C: 20 % tan 2 x spec. limit IL5 spec. limit C/C: 50 % tan 3 x spec. limit IL5 spec. limit no short or open circuit total failure percentage: 1 % C/C: 20 % tan 2 x spec. limit IL5 3 x spec. limit C/C: 25 % tan 1.5 x spec. limit IL5 spec. limit
Useful life
CECC 30301 subclause 1.8.1
Shelf life (storage at high temperature) Surge
IEC 60384-4/ EN130300 subclause 4.17 IEC 60384-4/ EN130300 subclause 4.14
www.vishay.com 94
For technical questions, contact: aluminumcaps1@vishay.com
Document Number: 28309 Revision: 05-May-08
Legal Disclaimer Notice
Vishay
Disclaimer
All product specifications and data are subject to change without notice. Vishay Intertechnology, Inc., its affiliates, agents, and employees, and all persons acting on its or their behalf (collectively, "Vishay"), disclaim any and all liability for any errors, inaccuracies or incompleteness contained herein or in any other disclosure relating to any product. Vishay disclaims any and all liability arising out of the use or application of any product described herein or of any information provided herein to the maximum extent permitted by law. The product specifications do not expand or otherwise modify Vishay's terms and conditions of purchase, including but not limited to the warranty expressed therein, which apply to these products. No license, express or implied, by estoppel or otherwise, to any intellectual property rights is granted by this document or by any conduct of Vishay. The products shown herein are not designed for use in medical, life-saving, or life-sustaining applications unless otherwise expressly indicated. Customers using or selling Vishay products not expressly indicated for use in such applications do so entirely at their own risk and agree to fully indemnify Vishay for any damages arising or resulting from such use or sale. Please contact authorized Vishay personnel to obtain written terms and conditions regarding products designed for such applications. Product names and markings noted herein may be trademarks of their respective owners.
Document Number: 91000 Revision: 18-Jul-08
www.vishay.com 1


▲Up To Search▲   

 
Price & Availability of MAL203835682E3

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X